Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download IW632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 6 1 description the IW632 is a rapidcharge ? dedicated charging port (dcp) controller for qualcomm ? quick charge tm 2.0 ( qc2.0) technology, optional samsung adaptive fast charging (afc) and divider mode usb interface. it allows rapid charging of qc2.0 or divider mode enabled mobile devices (mds), and it automatically identifes qc2.0, afc and divider mode protocols. the IW632 resides on the usb port of the power adapter and allows the adapter to be confgured for multi-level output such as 5v, 9v, or 12v depending on the voltage requested by md. it can be used in dc/dc power converter systems to achieve smooth voltage transition and low no-load power consumption. the IW632 implements three output pins for output feedback ratio change, output over-voltage, and fault and reset signals. in addition, IW632 also implements proprietary d+/d- over-voltage protection (ovp) and proprietary d- impedance detection to address soft short issues in the output cables and connectors that can be caused by such things as a poor or loose connection between the cable connector and the socket, contamination in the usb connector, or a worn-out cable, and provides protection against the damages. dialogs innovative proprietary technology ensures that power supplies designed with the IW632 can provide multi- level output voltage confguration, smooth voltage transition and ultra-low no load power consumption. 2 features supports qualcomm? qc2.0 high voltage dedicated charging port (hvdcp) class a with voltage confguration of 5v, 9v, and 12v supports divider mode with d+/d- at 2.7v/2.0v for 2.1a rapid charging optionally supports samsung adaptive fast charging (afc) for output voltage and current negotiation backward compatible with usb battery charging specifcation revision 1.2 (usb bc1.2) dcp backward compatible with chinese telecom standard yd/t 1591-2009 shorted mode automatically differentiates mds and determines rapid charging protocols 3 applications dc/dc converters/chargers for smart phones, tablets, and other mobile devices figure 3.1 : IW632 typical application circuit IW632 v out gnd dis v cc d+ gnd 1 2 3 8 7 6 4 5 d- v2 ovp v1 d+ d- fb power converter ovp v_logic_h u1 proprietary d+/d- ovp and proprietary d- impedance detection address soft short issues in the output cables and connectors and provides protection against damages programmable active fast discharge from 9v/12v to 5v at md unplug or from a high voltage level to a lower level upon request with built-in switch or external switch normally off state with <120a cut-off current during 5v steady-state operation to achieve ultra-low power consumption at no load wide operating voltage range from 3v to 25v qualcomm ? quick charge tm 2.0 is a product of qualcomm technologies, inc. IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017
2 of 6 4 pinout description IW632 dis v cc ovp v1 d+ gnd d- v2 1 2 3 8 7 6 4 5 figure 4.1 : 8-lead soic/msop package pin number pin name type pin description 1 dis analog output discharging circuit. used for fast discharging of output capacitor. 2 v cc power supply ic power supply. 3 ovp analog output external circuit drive. it is pulled down at ovp, and can be used to change external circuit signal. 4 v1 analog output external circuit drive. it is pulled down at 9v or 12v state, and can be used to change external circuit signal. 5 v2 analog output external circuit drive. it is pulled down at 12v state, and can be used to change external circuit signal. 6 d- analog input/ output usb d- signal. it is used for qc2.0/afc signal and divider mode. 7 gnd ground ground. 8 d+ analog input/ output usb d+ signal. it is used for qc2.0/afc signal and divider mode. IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017
3 of 6 absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. 5 absolute maximum ratings parameter symbol value units dis (pin 1) voltage v dis 30 v v cc (pin 2) voltage v cc 30 v ovp (pin 3) voltage v ovp 30 v v1 (pin 4) voltage v v1 -0.3 to 7 v v2 (pin 5) voltage v v2 -0.3 to 7 v d- (pin 6) voltage v d- -0.3 to 7 v d+ (pin 8) voltage v d+ -0.3 to 7 v continuous dc current at drv pin (v drv =11v) i drv 25 ma continuous dc supply current at v cc pin (v cc =12v) i vcc 25 ma peak current at dis pin (v dis =12v) i dis 600 ma maximum junction temperature t jmax 150 c operating junction temperature t jopt -40 to 150 c storage temperature t stg -65 to 150 c esd rating per jedec jesd22-a114 (d+ and d- pins) 4000 v esd rating per jedec jesd22-a114 (all other pins) 2000 v IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017
4 of 6 6 physical dimensions compliant to jedec standard ms12f controlling dimensions are in inches; millimeter dimensions are for reference only this product is rohs compliant and halide free. soldering temperature resistance: [a] package is ipc/jedec std 020d moisture sensitivity level 1 [b] package exceeds jedec std no. 22-a111 for solder immersion resistance; package can withstand 10 s immersion < 260?c dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 mm per end. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 mm per side. the package top may be smaller than the package bottom. dimensions d and e1 are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 8-lead small outline (soic) package coplanarity 0.10 (0.004) 8 5 4 1 seating plane a1 e h b d e a a2 c l h x 45 inches symbol millimeters min 0.0040 a1 max min max 0.010 0.10 0.25 0.053 a 0.069 1.35 1.75 0.014 b 0.019 0.35 0.49 0.007 c 0.010 0.19 0.25 0.189 d 0.197 4.80 5.00 0.150 e 0.157 3.80 4.00 0.050 bsc e 1.27 bsc 0.228 h 0.244 5.80 6.20 0.10 h 0.020 0.25 0.50 0.016 l 0.049 0.4 1.25 0 8 0.049 a2 0.059 1.25 1.50 figure 6.1 : physical dimensions of 8-pin soic package IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017
5 of 6 physical dimensions (continued) figure 6.2 : physical dimensions of 8-pin msop package 7 ordering information part number options package description IW632-00-so8 supports qc2.0 5v/9v/12v, afc 5v2a, 9v1.67a, 12v1.25a and divider mode 2.1a 1 soic-8 tape & reel 2 IW632-00-mso8 supports qc2.0 5v/9v/12v, afc 5v2a, 9v1.67a, 12v1.25a and divider mode 2.1a 1 msop-8 tape & reel 2 IW632-01-so8 supports qc2.0 5v/9v/12v, and divider mode 2.1a 1 soic-8 tape & reel 2 IW632-01-mso8 supports qc2.0 5v/9v/12v, and divider mode 2.1a 1 msop-8 tape & reel 2 note 1: the current setting is only for information from IW632 to mobile devices. the actual current setting is determined by the power converter. note 2: tape and reel packing quantity is 2,500/reel. minimum ordering quantity is 2,500. IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017
disclaimer information in this document is believed to be accurate and reliable. however, dialog semiconductor does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information. dialog semiconductor furthermore takes no responsibility whatsoever for the content in this document if provided by any information source outside of dialog semiconductor. dialog semiconductor reserves the right to change without notice the information published in this document, including without limitation the specifcation and the design of the related semiconductor products, software and applications. applications, software, and semiconductor products described in this document are for illustrative purposes only. dialog semiconductor makes no representation or warranty that such applications, software and semiconductor products will be suitable for the specifed use without further testing or modifcation. unless otherwise agreed in writing, such testing or modifcation is the sole responsibility of the customer and dialog semiconductor excludes all liability in this respect. customer notes that nothing in this document may be construed as a license for customer to use the dialog semiconductor products, software and applications referred to in this document. such license must be separately sought by customer with dialog semiconductor. all use of dialog semiconductor products, software and applications referred to in this document are subject to dialog semiconductors standard terms and conditions of sale , available on the company website ( www.dialog-semiconductor.com ) unless otherwise stated. dialog and the dialog logo are trademarks of dialog semiconductor plc or its subsidiaries. all other product or service names are the property of their respective owners. qualcomm is a trademark of qualcomm incorporated, registered in the united states and other countries. qualcomm quick charge is a trademark of qualcomm incorporated. all qualcomm incorporated marks are used with permission. ? 2017 dialog semiconductor. all rights reserved. rohs compliance dialog semiconductors suppliers certify that its products are in compliance with the requirements of directive 2011/65/eu of the european parliament on the restriction of the use of certain hazardous substances in electrical and electronic equipment. rohs certifcates from our suppliers are available on request. 6 of 6 contacting dialog semiconductor IW632 rapidcharge? dedicated charging port controller for qualcomm ? quick charge? 2.0 and divider mode rev. 1.1 product summary ? 2017 dialog semiconductor www.dialog-semiconductor.com 08-february-2017 united kingdom (headquarters) dialog semiconductor (uk) ltd phone: +44 1793 757700 germany dialog semiconductor gmbh phone: +49 7021 805-0 the netherlands dialog semiconductor b.v. phone: +31 73 640 8822 email info_pcbg@diasemi.com north america dialog semiconductor inc. phone: +1 408 845 8500 japan dialog semiconductor k. k. phone: +81 3 5425 4567 taiwan dialog semiconductor taiwan phone: +886 281 786 222 web site: www.dialog-semiconductor.com singapore dialog semiconductor singapore phone: +65 64 8499 29 hong kong dialog semiconductor hong kong phone: +852 3769 5200 korea dialog semiconductor korea phone: +82 2 3469 8200 china (shenzhen) dialog semiconductor china phone: +86 755 2981 3669 china (shanghai) dialog semiconductor china phone: +86 21 5424 9058


▲Up To Search▲   

 
Price & Availability of IW632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X